Part Number Hot Search : 
53120 DMR14A P202K T04CO T04CO AK8855 KBP304G VQ100
Product Description
Full Text Search
 

To Download WDM-1MDS25601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS MODULES & SUBSYSTEMS
100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
Key Features
* Low insertion loss * Low polarization dependent loss * Wide and flat passband * Exceptional reliability and environmental stability * Excellent temperature stability
Applications
* Long-haul networks * Metro networks * Denser channel plan (used in conjunction with an optical interleaver) * Test bench/system
The JDSU 100 GHz multichannel mux/demux modules, based on thin-film filter (TFF) technology, provide extremely high performance. With low insertion loss, low polarization sensitivity, and high temperature stability, these modules are well suited to DWDM network applications. These fixed mux/demux modules offer low-cost wavelength management solutions for long-haul and metro applications. In addition, they are easily customizable, and can be configured based on customer-specific channel plan, packaging type, and connector type.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
100 GHZ WAVELENGTH DIVISION MULTIPLEXER/DEMULTIPLEXER (WDM) FILTER
2
Functional Diagram
8CH Mux&Demux Without Upgrade
8CH Mux&Demux With Upgrade
16CH Mux&Demux Without Upgrade
16CH Mux&Demux With Upgrade
Specifications
Parameter
Without Upgrade Port 8 Ch 16 Ch Minimum Minimum Maximum Maximum Maximum Maximum Maximum Maximum Minimum Minimum Minimum Minimum Minimum Maximum Maximum Minimum Minimum Maximum 3.0 dB 3.2 dB N/A 4.0 dB 1.5 dB 0.4 dB
With Upgrade Ports 8 Ch 16 Ch
Operating frequency range Passband width Insertion loss1 Mux Demux Upgrade2 Pair insertion loss for each channel Pair insertion loss uniformity Passband ripple Mux isolation Adjacent channel Non-adjacent channel Demux isolation Adjacent channel Non-adjacent channel Upgrade isolatioin Polarization dependent loss Polarization mode dispersion Return loss Directivity Optical power Operating temperature range Storage temperature range Operating humidity
186.6 - 196.1 THz 12.5 GHz 4.2 dB 4.4 dB N/A 6.0 dB 2.0 dB 0.5 dB 15 dB 15 dB 25 dB 50 dB N/A N/A 0.2 dB 0.2 ps 45 dB 50 dB 500 mW -5 - 70C -40 - 85C 5 - 85% 15 dB 15 dB 3.5 dB 3.7 dB 0.8 dB 4.4 dB 1.5 dB 0.4 dB 4.7 dB 4.9 dB 0.8 dB 6.4 dB 2.0 dB 0.5 dB
1. Including connectors' loss. The IL increase from low frequency channel to high frequency channel for Demux; it reverse for Mux. 2. For 8 Ch: It skips 2 channels from the edge channel of Mux/Demux for the wavelength range of upgrade port. For 16 Ch: It skips 2 channels from the edge channel of Mux/Demux for the wavelength range of upgrade port.
100 GHZ WAVELENGTH DIVISION MULTIPLEXER/DEMULTIPLEXER (WDM) FILTER
3
JDSU ITU Channel Specification
Freq. (THz)
196.20 196.15 196.10 196.05 196.00 195.95 195.90 195.85 195.80 195.75 195.70 195.65 195.60 195.55 195.50 195.45 195.40 195.35 195.30 195.25 195.20 195.15 195.10 195.05 195.00 194.95 194.90 194.85 194.80 194.75 194.70 194.65 194.60 194.55 194.50 194.45 194.40 194.35 194.30 194.25 194.20 194.15 194.10 194.05 194.00 193.95 193.90 193.85 193.80 193.75 193.70 193.65 193.60 193.55 193.50 193.45 193.40 193.35 193.30 193.25 193.20 193.15 193.10 193.05 193.00 192.95
(nm)
1527.994 1528.384 1528.773 1529.163 1529.553 1529.944 1530.334 1530.725 1531.116 1531.507 1531.898 1532.290 1532.681 1533.073 1533.465 1533.858 1534.250 1534.643 1535.036 1535.429 1535.822 1536.216 1536.609 1537.003 1537.397 1537.792 1538.186 1538.581 1538.976 1539.371 1539.766 1540.162 1540.557 1540.953 1541.349 1541.746 1542.142 1542.539 1542.936 1543.333 1543.730 1544.128 1544.526 1544.924 1545.322 1545.720 1546.119 1546.518 1546.917 1547.316 1547.715 1548.115 1548.515 1548.915 1549.315 1549.715 1550.116 1550.517 1550.918 1551.319 1551.721 1552.122 1552.524 1552.926 1553.329 1553.731
Ch. #
256 258 260 262 264 266 268 270 272 274 276 278 280 282 284 286 288 290 292 294 296 298 300 302 304 306 308 310 312 314 316 318 320 322 324 326 328 330 332 334 336 338 340 342 344 346 348 350 352 354 356 358 360 362 364 366 368 370 372 374 376 378 380 382 384 386
Freq. (THz)
192.90 192.85 192.80 192.75 192.70 192.65 192.60 192.55 192.50 192.45 192.40 192.35 192.30 192.25 192.20 192.15 192.10 192.05 192.00 191.95 191.90 191.85 191.80 191.75 191.70 191.65 191.60 191.55 191.50 191.45 191.40 191.35 191.30 191.25 191.20 191.15 191.10 191.05 191.00 190.95 190.90 190.85 190.80 190.75 190.70 190.65 190.60 190.55 190.50 190.45 190.40 190.35 190.30 190.25 190.20 190.15 190.10 190.05 190.00 189.95 189.90 189.85 189.80 189.75 189.70
(nm)
1554.134 1554.537 1554.940 1555.343 1555.747 1556.151 1556.555 1556.959 1557.363 1557.768 1558.173 1558.578 1558.983 1559.389 1559.794 1560.200 1560.606 1561.013 1561.419 1561.826 1562.233 1562.640 1563.047 1563.455 1563.863 1564.271 1564.679 1565.087 1565.496 1565.905 1566.314 1566.723 1567.133 1567.542 1567.952 1568.362 1568.773 1569.183 1569.594 1570.005 1570.416 1570.828 1571.239 1571.651 1572.063 1572.476 1572.888 1573.301 1573.714 1574.127 1574.540 1574.954 1575.368 1575.782 1576.196 1576.610 1577.025 1577.440 1577.855 1578.270 1578.686 1579.102 1579.518 1579.934 1580.350
Ch. #
388 390 392 394 396 398 400 402 404 406 408 410 412 414 416 418 420 422 424 426 428 430 432 434 436 438 440 442 444 446 448 450 452 454 456 458 460 462 464 466 468 470 472 474 476 478 480 482 484 486 488 490 492 494 496 498 500 502 504 506 508 510 512 514 516
Freq. (THz)
189.65 189.60 189.55 189.50 189.45 189.40 189.35 189.30 189.25 189.20 189.15 189.10 189.05 189.00 188.95 188.90 188.85 188.80 188.75 188.70 188.65 188.60 188.55 188.50 188.45 188.40 188.35 188.30 188.25 188.20 188.15 188.10 188.05 188.00 187.95 187.90 187.85 187.80 187.75 187.70 187.65 187.60 187.55 187.50 187.45 187.40 187.35 187.30 187.25 187.20 187.15 187.10 187.05 187.00 186.95 186.90 186.85 186.80 186.75 186.70 186.65 186.60 186.55 186.50 186.45
(nm)
1580.767 1581.184 1581.601 1582.018 1582.436 1582.854 1583.272 1583.690 1584.108 1584.527 1584.946 1585.365 1585.784 1586.203 1586.623 1587.043 1587.463 1587.884 1588.304 1588.725 1589.146 1589.568 1589.989 1590.411 1590.833 1591.255 1591.678 1592.100 1592.523 1592.946 1593.369 1593.793 1594.217 1594.641 1595.065 1595.489 1595.914 1596.339 1596.764 1597.189 1597.615 1598.041 1598.467 1598.893 1599.320 1599.746 1600.173 1600.600 1601.028 1601.455 1601.883 1602.311 1602.740 1603.168 1603.597 1604.026 1604.455 1604.885 1605.314 1605.744 1606.174 1606.605 1607.035 1607.466 1607.897
Ch. #
518 520 522 524 526 528 530 532 534 536 538 540 542 544 546 548 550 552 554 556 558 560 562 564 566 568 570 572 574 576 578 580 582 584 586 588 590 592 594 596 598 600 602 604 606 608 610 612 614 616 618 620 622 624 626 628 630 632 634 636 638 640 642 644 646
Note: Indication for variant determining: The channel # to use is the lowest one that fits in the customer wavelength's plan. Example: 4 channel which covers 196.1, 196.0, 195.9 and 195.8 THz will have a variant number of 260 (196.1 THz).
100 GHZ WAVELENGTH DIVISION MULTIPLEXER/DEMULTIPLEXER (WDM) FILTER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at customer.service@jdsu.com.
Sample: WDM-1MDxxxxxx
WDM-1MD
Code 8 E S D Number of Channels 8 without upgrade 8 with upgrade 16 without upgrade 16 with upgrade Channel Frequency Code Refer to the JDSU channel specification table on page 3 Code 0 1 2 Packaging LGX1 1U 19-inch rack1 1U 23-inch rack1 Code 1 2 3 4 5 6 Connector Type SC/UPC SC/APC Duplex LC/UPC Duplex LC/APC LC/UPC LC/APC
1. Detailed package drawings are available upon request.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 30162529 000 1108 WDM100MUXDEMUX816.DS.CMS.AE November 2008 LGX is a registered trademark of Alcatel-Lucent.


▲Up To Search▲   

 
Price & Availability of WDM-1MDS25601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X